Part Number Hot Search : 
A511RHI V30100C 300192Z LL4934G 250020 SE1086 BZX79C75 DM74AL
Product Description
Full Text Search
 

To Download AT49F002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? single-voltage operation ?5v read ? 5v reprogramming  fast read access time - 55 ns  internal program control and timer  sector architecture ? one 16k byte boot block with programming lockout ? two 8k byte parameter blocks ? two main memory blocks (96k, 128k bytes)  fast erase cycle time - 10 seconds  byte-by-byte programming - 10 s/byte typical  hardware data protection  data polling for end of program detection  low power dissipation ? 50 ma active current ? 100 a cmos standby current  typical 10,000 write cycles description the at49f002(n)(t) is a 5-volt only in-system reprogrammable flash memory. its 2 megabits of memory is organized as 262,144 words by 8 bits. manufactured with atmel ? s advanced nonvolatile cmos technology, the device offers access times to 55 ns with power dissipation of just 275 mw over the commercial temperature range. rev. 1017d ? 10/99 2-megabit (256k x 8) 5-volt only flash memory at49f002 at49f002n AT49F002T at49f002nt pin configurations pin name function a0 - a17 addresses ce chip enable oe output enable we write enable reset reset i/o0 - i/o7 data inputs/outputs dc don ? t connect dip top view 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 * reset a16 a15 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 i/o1 i/o2 gnd vcc we a17 a14 a13 a8 a9 a11 oe a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 plcc top view 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 a14 a13 a8 a9 a11 oe a10 ce i/o7 4 3 2 1 32 31 30 14 15 16 17 18 19 20 i/o1 i/o2 gnd i/o3 i/o4 i/o5 i/o6 a12 a15 a16 reset * vcc we a17 (continued) vsop top view (8 x 14 mm) or tsop top view (8 x 20 mm) type 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 a11 a9 a8 a13 a14 a17 we vcc * reset a16 a15 a12 a7 a6 a5 a4 oe a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 gnd i/o2 i/o1 i/o0 a0 a1 a2 a3 *note: this pin is a dc on the at49f002(n)(t).
at49f002(n)(t) 2 when the device is deselected, the cmos standby current is less than 100 a. for the at49f002n(t) pin 1 for the dip and plcc packages and pin 9 for the tsop package are don ? t connect pins. to allow for simple in-system reprogrammability, the at49f002(n)(t) does not require high input voltages for programming. five-volt-only commands determine the read and programming operation of the device. reading data out of the device is similar to reading from an eprom; it has standard ce , oe , and we inputs to avoid bus conten- tion. reprogramming the at49f002(n)(t) is performed by erasing a block of data and then programming on a byte by byte basis. the byte programming time is a fast 50 s. the end of a program cycle can be optionally detected by the data polling feature. once the end of a byte program cycle has been detected, a new access for a read or pro- gram can begin. the typical number of program and erase cycles is in excess of 10,000 cycles. the device is erased by executing the erase command sequence; the device internally controls the erase opera- tions. there are two 8k byte parameter block sections and two main memory blocks. the device has the capability to protect the data in the boot block; this feature is enabled by a command sequence. the 16k-byte boot block section includes a reprogramming lock out feature to provide data integrity. the boot sector is designed to contain user secure code, and when the fea- ture is enabled, the boot sector is protected from being reprogrammed. in the at49f002(n)(t), once the boot block programming lockout feature is enabled, the contents of the boot block are permanent and cannot be changed. in the at49f002(t), once the boot block programming lockout feature is enabled, the contents of the boot block cannot be changed with input voltage levels of 5.5 volts or less. block diagram control logic y decoder parameter block 1 (8k bytes) boot block (16k bytes) oe we ce reset address inputs vcc gnd at49f002(n) data inputs/outputs i/o7 - i/o0 8 x decoder parameter block 2 (8k bytes) main memory block 1 (96k bytes) main memory block 2 (128k bytes) program data latches y-gating input/output buffers 3ffff 20000 1ffff 08000 07fff 06000 05fff 04000 03fff 00000 parameter block 1 (8k bytes) boot block (16k bytes) at49f002(n)t data inputs/outputs i/o7 - i/o0 8 parameter block 2 (8k bytes) main memory block 1 (96k bytes) main memory block 2 (128k bytes) program data latches y-gating input/output buffers 3ffff 3c000 3bfff 3a000 39fff 38000 37fff 20000 1ffff 00000
at49f002(n)(t) 3 device operation read: the at49f002(n)(t) is accessed like an eprom. when ce and oe are low and we is high, the data stored at the memory location determined by the address pins is asserted on the outputs. the outputs are put in the high impedance state whenever ce or oe is high. this dual-line control gives designers flexibility in preventing bus conten- tion. command sequences: when the device is first pow- ered on it will be reset to the read or standby mode depending upon the state of the control line inputs. in order to perform other device functions, a series of command sequences are entered into the device. the command sequences are shown in the command definitions table. the command sequences are written by applying a low pulse on the we or ce input with ce or we low (respec- tively) and oe high. the address is latched on the falling edge of ce or we , whichever occurs last. the data is latched by the first rising edge of ce or we . standard microprocessor write timings are used. the address loca- tions used in the command sequences are not affected by entering the command sequences. reset: a reset input pin is provided to ease some sys- tem applications. when reset is at a logic high level, the device is in its standard operating mode. a low level on the reset input halts the present device operation and puts the outputs of the device in a high impedance state. if the reset pin makes a high to low transition during a program or erase operation, the operation may not be successfully completed and the operation will have to be repeated after a high level is applied to the reset pin. when a high level is reasserted on the reset pin, the device returns to the read or standby mode, depending upon the state of the control inputs. by applying a 12v 0.5v input signal to the reset pin, the boot block array can be reprogrammed even if the boot block lockout feature has been enabled (see boot block programming lockout override section). the reset feature is not available for the at49f002n(t). erasure: before a byte can be reprogrammed, the main memory block or parameter block which contains the byte must be erased. the erased state of the memory bits is a logical ? 1 ? . the entire device can be erased at one time by using a 6-byte software code. the software chip erase code consists of 6-byte load commands to specific address locations with a specific data pattern (please refer to the chip erase cycle waveforms). after the software chip erase has been initiated, the device will internally time the erase operation so that no external clocks are required. the maximum time needed to erase the whole chip is t ec . if the boot block lockout feature has been enabled, the data in the boot sector will not be erased. chip erase: if the boot block lockout has been enabled, the chip erase function will erase parameter block 1, parameter block 2, main memory block 1, and main mem- ory block 2 but not the boot block. if the boot block lockout has not been enabled, the chip erase function will erase the entire chip. after the full chip erase the device will return back to read mode. any command during chip erase will be ignored. sector erase: as an alternative to a full chip erase, the device is organized into sectors that can be individually erased. there are two 8k-byte parameter block sections and two main memory blocks. the 8k-byte parameter block sections can be independently erased and repro- grammed. the two main memory sections are designed to be used as alternative memory sectors. that is, whenever one of the blocks has been erased and reprogrammed, the other block should be erased and reprogrammed before the first block is again erased. the sector erase command is a six bus cycle operation. the sector address is latched on the falling we edge of the sixth cycle while the 30h data input command is latched at the rising edge of we . the sector erase starts after the rising edge of we of the sixth cycle. the erase operation is internally controlled; it will automatically time to completion. byte programming: once the memory array is erased, the device is programmed (to a logical ? 0 ? ) on a byte-by-byte basis. please note that a data ? 0 ? cannot be programmed back to a ? 1 ? ; only erase operations can con- vert ? 0 ? s to ? 1 ? s. programming is accomplished via the internal device command register and is a 4 bus cycle operation (please refer to the command definitions table). the device will automatically generate the required internal program pulses. the program cycle has addresses latched on the falling edge of we or ce , whichever occurs last, and the data latched on the rising edge of we or ce , whichever occurs first. programming is completed after the specified t bp cycle time. the data polling feature may also be used to indicate the end of a program cycle. boot block programming lockout: the device has one designated block that has a programming lockout feature. this feature prevents programming of data in the designated block once the feature has been enabled. the size of the block is 16k bytes. this block, referred to as the boot block, can contain secure code that is used to bring up the system. enabling the lockout feature will allow the boot code to stay in the device while data in the rest of the device is updated. this feature does not have to be acti- vated; the boot block ? s usage as a write protected region is optional to the user. the address range of the boot block is 00000 to 03fff for the at49f002(n) while the address
at49f002(n)(t) 4 range of the boot block is 3c000 to 3ffff for the at49f002(n)t. once the feature is enabled, the data in the boot block can no longer be erased or programmed with input voltage lev- els of 5.5v or less. data in the main memory block can still be changed through the regular programming method. to activate the lockout feature, a series of six program com- mands to specific addresses with specific data must be performed. please refer to the command definitions table. boot block lockout detection: a software method is available to determine if programming of the boot block section is locked out. when the device is in the soft- ware product identification mode (see software product identification entry and exit sections) a read from address location 00002h will show if programming the boot block is locked out for the at49f002(n), and a read from address location 3c002h will show if programming the boot block is locked out for at49f002(n)t. if the data on i/o0 is low, the boot block can be programmed; if the data on i/o0 is high, the program lockout feature has been activated and the block cannot be programmed. the software product identi- fication exit code should be used to return to standard operation. boot block programming lockout override: the user can override the boot block programming lockout by taking the reset pin to 12 volts. by doing this, pro- tected boot block data can be altered through a chip erase, sector erase or word programming. when the reset pin is brought back to ttl levels the boot block programming lockout feature is again active. this feature is not available on the at49f002n(t). product identification: the product identification mode identifies the device and manufacturer as atmel. it may be accessed by hardware or software operation. the hardware operation mode can be used by an external pro- grammer to identify the correct programming algorithm for the atmel product. for details, see operating modes (for hardware operation) or software product identification. the manufacturer and device code is the same for both modes. data polling: the at49f002(n)(t) features data poll- ing to indicate the end of a program cycle. during a pro- gram cycle an attempted read of the last byte loaded will result in the complement of the loaded data on i/o7. once the program cycle has been completed, true data is valid on all outputs and the next cycle may begin. data polling may begin at any time during the program cycle. toggle bit: in addition to data polling the at49f002(n)(t) provides another method for determining the end of a program or erase cycle. during a program or erase operation, successive attempts to read data from the device will result in i/o6 toggling between one and zero. once the program cycle has completed, i/o6 will stop tog- gling and valid data will be read. examining the toggle bit may begin at any time during a program cycle. hardware data protection: hardware features protect against inadvertent programs to the at49f002(n)(t) in the following ways: (a) v cc sense: if v cc is below 3.8v (typical), the program function is inhib- ited. (b) program inhibit: holding any one of oe low, ce high or we high inhibits program cycles. (c) noise filter: pulses of less than 15 ns (typical) on the we or ce inputs will not initiate a program cycle.
at49f002(n)(t) 5 notes: 1. the data format in each bus cycle is as follows: i/o7 - i/o0 (hex) 2. the 16k byte boot sector has the address range 00000h to 03fffh for the at49f002(n) and 3c000h to 3ffffh for the at49f002(n)t 3. either one of the product id exit commands can be used. 4. sa = sector addresses: for the at49f002(n): sa = 00000 to 03fff for boot block nothing will happen and the device goes back to the read mode in 100 ns sa = 04000 to 05fff for parameter block 1 sa = 06000 to 07fff for parameter block 2 sa = 08000 to 1ffff for main memory array block 1 this command will erase - pb1, pb2 and mmb1 sa = 20000 to 3ffff for main memory array block 2 for the at49f002(n)t: sa = 3c000 to 3ffff for boot block nothing will happen and the device goes back to the read mode in 100 ns sa = 3a000 to 3bfff for parameter block 1 sa = 38000 to 39fff for parameter block 2 sa = 20000 to 37fff for main memory array block 1 this command will erase - pb1, pb2 and mmb1 sa = 00000 to iffff for main memory array block 2 command definition (in hex) (1) command sequence bus cycles 1st bus cycle 2nd bus cycle 3rd bus cycle 4th bus cycle 5th bus cycle 6th bus cycle addr data addr data addr data addr data addr data addr data read 1 addr d out chip erase 6 5555 aa 2aaa 55 5555 80 5555 aa 2aaa 55 5555 10 sector erase 6 5555 aa 2aaa 55 5555 80 5555 aa 2aaa 55 sa (4) 30 byte program 4 5555 aa 2aaa 55 5555 a0 addr d in boot block lockout (2) 6 5555 aa 2aaa 55 5555 80 5555 aa 2aaa 55 5555 40 product id entry 3 5555 aa 2aaa 55 5555 90 product id exit (3) 3 5555 aa 2aaa 55 5555 f0 product id exit (3) 1 xxxx f0 absolute maximum ratings* temperature under bias................................ -55 c to +125 c *notice: stresses beyond those listed under ? absolute maxi- mum ratings ? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi- tions beyond those indicated in the operational sec- tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65 c to +150 c all input voltages (including nc pins) with respect to ground ...................................-0.6v to +6.25v all output voltages with respect to ground .............................-0.6v to v cc + 0.6v voltage on oe with respect to ground ...................................-0.6v to +13.5v
at49f002(n)(t) 6 notes: 1. x can be v il or v ih. 2. refer to ac programming waveforms. 3. v h = 12.0v 0.5v. 4. manufacturer code: 1fh, device code: 07h - at49f002(n), 08h - at49f002(n)t 5. see details under software product identification entry/exit. 6. this pin is not available on the at49f002n(t). note: 1. in the erase mode, i cc is 90 ma. dc and ac operating range at49f002(n)(t)-55 at49f002(n)(t)-70 at49f002(n)(t)-90 at49f002(n)(t)-12 operating temperature (case) com. 0 c - 70 c0 c - 70 c0 c - 70 c0 c - 70 c ind. -40 c - 85 c-40 c - 85 c-40 c - 85 c-40 c - 85 c v cc power supply 5v 10% 5v 10% 5v 10% 5v 10% operating modes mode ce oe we reset (6) ai i/o read v il v il v ih v ih ai d out program/erase (2) v il v ih v il v ih ai d in standby/write inhibit v ih x (1) xv ih x high z program inhibit xxv ih v ih xv il xv ih output disable x v ih xv ih high z reset xxx v il x high z product identification hardware v il v il v ih a1 - a17 = v il , a9 = v h , (3) a0 = v il manufacturer code (4) a1 - a17 = v il , a9 = v h, (3) a0 = v ih device code (4) software (5) a0 = v il , a1 - a17=v il manufacturer code (4) a0 = v ih , a1 - a17=v il device code (4) dc characteristics symbol parameter condition min max units i li input load current v in = 0v to v cc 10 a i lo output leakage current v i/o = 0v to v cc 10 a i sb1 v cc standby current cmos ce = v cc - 0.3v to v cc com. 100 a ind. 300 a i sb2 v cc standby current ttl ce = 2.0v to v cc 3ma i cc (1) v cc active current f = 5 mhz; i out = 0 ma 50 ma v il input low voltage 0.8 v v ih input high voltage 2.0 v v ol output low voltage i ol = 2.1 ma 0.45 v v oh1 output high voltage i oh = -400 a 2.4 v v oh2 output high voltage cmos i oh = -100 a; v cc = 4.5v 4.2 v
at49f002(n)(t) 7 ac read waveforms (1)(2)(3)(4) notes: 1. ce may be delayed up to t acc - t ce after the address transition without impact on t acc . 2. oe may be delayed up to t ce - t oe after the falling edge of ce without impact on t ce or by t acc - t oe after an address change without impact on t acc . 3. t df is specified from oe or ce whichever occurs first (cl = 5 pf). 4. this parameter is characterized and is not 100% tested. input test waveform and measurement level t r , t f < 5 ns output load test note: 1. this parameter is characterized and is not 100% tested. ac read characteristics symbol parameter at49f002(n)(t) units -55-70-90-12 min max min max min max min max t acc address to output delay 55 70 90 120 ns t ce (1) ce to output delay 55 70 90 120 ns t oe (2) oe to output delay 0 30 0 35 0 40 0 50 ns t df (3)(4) ce or oe to output float 0 25 0 25 0 25 0 30 ns t oh output hold from oe , ce or address, whichever occurred first 0000ns address output high z output oe ce t acc t oe t df t oh t ce valid address valid 5.0v 1.8k 100 pf 30 pf 1.3k 5.0v 1.8k output pin 1.3k output pin 50 ns 70/90/120 ns pin capacitance f = 1 mhz, t = 25 c (1) symbol typ max units conditions c in 46pfv in = 0v c out 812pfv out = 0v
at49f002(n)(t) 8 ac byte load waveforms we controlled ce controlled ac byte load characteristics symbol parameter min max units t as , t oes address, oe set-up time 0 ns t ah address hold time 50 ns t cs chip select set-up time 0 ns t ch chip select hold time 0 ns t wp write pulse width (we or ce )90ns t ds data set-up time 50 ns t dh , t oeh data, oe hold time 0 ns t wph write pulse width high 90 ns t dh t ds t as t ah t wp ce address data in oe t oes t oeh we t cs t ch t wph t dh t ds t as t ah t wp we address data in oe t oes t oeh ce t cs t ch t wph
at49f002(n)(t) 9 program cycle waveforms sector or chip erase cycle waveforms notes: 1. oe must be high only when we and ce are both low. 2. for chip erase, the address should be 5555. for sector erase, the address depends on what sector is to be erased. (see note 4 under command definitions.) 3. for chip erase, the data should be 10h, and for sector erase, the data should be 30h. program cycle characteristics symbol parameter min typ max units t bp byte programming time 10 50 s t as address set-up time 0 ns t ah address hold time 50 ns t ds data set-up time 50 ns t dh data hold time 0 ns t wp write pulse width 90 ns t wph write pulse width high 90 ns t ec erase cycle time 10 seconds
at49f002(n)(t) 10 notes: 1. these parameters are characterized and not 100% tested. 2. see t oe spec in ac read characteristics. data polling waveforms notes: 1. these parameters are characterized and not 100% tested. 2. see t oe spec in ac read characteristics. toggle bit waveforms (1)(2)(3) notes: 1. toggling either oe or ce or both oe and ce will operate toggle bit. the t oehp specification must be met by the toggling input(s). 2. beginning and ending state of i/o6 will vary. 3. any address location may be used but the address should not vary. data polling characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t wr write recovery time 0 ns toggle bit characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t oehp oe high pulse 150 ns t wr write recovery time 0 ns high z an an an an an we ce oe i/o7 a0-a17 t oeh t oe t dh t wr we ce oe i/o6 t oeh high z t dh t oe t wr t oehp
at49f002(n)(t) 11 software product identification entry (1) software product identification exit (1) notes for software product identification 1. data format: i/o7 - i/o0 (hex); address format: a14 - a0 (hex). 2. a1 - a17 = v il . manufacture code is read for a0 = v il ; device code is read for a0 = v ih . 3. the device does not remain in identification mode if powered down. 4. the device returns to standard operation mode. 5. manufacturer code: 1fh device code: 07h - at49f002(n) 08h - at49f002(n)t boot block lockout feature enable algorithm (1) notes for boot block lockout feature enable: 1. data format: i/o7 - i/o0 (hex); address format: a14 - a0 (hex). 2. boot block lockout feature enabled. load data aa to address 5555 load data 55 to address 2aaa load data 90 to address 5555 enter product identification mode (2)(3)(5) load data aa to address 5555 load data 55 to address 2aaa load data f0 to address 5555 exit product identification mode (4) or load data f0 to any address exit product identification mode (4) load data aa to address 5555 load data 55 to address 2aaa load data 80 to address 5555 load data aa to address 5555 load data 55 to address 2aaa load data 40 to address 5555 pause 1 second (2)
at49f002(n)(t) 12 at49f002 ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 55 50 0.1 at49f002-55jc at49f002-55pc at49f002-55tc at49f002-55vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002-55ji at49f002-55pi at49f002-55ti at49f002-55vi 32j 32p6 32t 32v industrial (-40 to 85 c) 70 50 0.1 at49f002-70jc at49f002-70pc at49f002-70tc at49f002-70vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002-70ji at49f002-70pi at49f002-70ti at49f002-70vi 32j 32p6 32t 32v industrial (-40 to 85 c) 90 50 0.1 at49f002-90jc at49f002-90pc at49f002-90tc at49f002-90vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002-90ji at49f002-90pi at49f002-90ti at49f002-90vi 32j 32p6 32t 32v industrial (-40 to 85 c) 120 50 0.1 at49f002-12jc at49f002-12pc at49f002-12tc at49f002-12vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002-12ji at49f002-12pi at49f002-12ti at49f002-12vi 32j 32p6 32t 32v industrial (-40 to 85 c) package type 32j 32-lead, plastic j-leaded chip carrier package (plcc) 32p6 32-pin, 0.600" wide, plastic dual inline package (pdip) 32t 32-lead, plastic thin small outline package (tsop) (8 x 20 mm) 32v 32-lead, plastic thin small outline package (vsop) (8 x 14 mm)
at49f002(n)(t) 13 at49f002n ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 55 50 0.1 at49f002n-55jc at49f002n-55pc at49f002n-55tc at49f002n-55vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002n-55ji at49f002n-55pi at49f002n-55ti at49f002n-55vi 32j 32p6 32t 32v industrial (-40 to 85 c) 70 50 0.1 at49f002n-70jc at49f002n-70pc at49f002n-70tc at49f002n-70vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002n-70ji at49f002n-70pi at49f002n-70ti at49f002n-70vi 32j 32p6 32t 32v industrial (-40 to 85 c) 90 50 0.1 at49f002n-90jc at49f002n-90pc at49f002n-90tc at49f002n-90vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002n-90ji at49f002n-90pi at49f002n-90ti at49f002n-90vi 32j 32p6 32t 32v industrial (-40 to 85 c) 120 50 0.1 at49f002n-12jc at49f002n-12pc at49f002n-12tc at49f002n-12vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002n-12ji at49f002n-12pi at49f002n-12ti at49f002n-12vi 32j 32p6 32t 32v industrial (-40 to 85 c) package type 32j 32-lead, plastic j-leaded chip carrier package (plcc) 32p6 32-pin, 0.600" wide, plastic dual inline package (pdip) 32t 32-lead, plastic thin small outline package (tsop) (8 x 20 mm) 32v 32-lead, plastic thin small outline package (vsop) (8 x 14 mm)
at49f002(n)(t) 14 AT49F002T ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 55 50 0.1 AT49F002T-55jc AT49F002T-55pc AT49F002T-55tc AT49F002T-55vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 AT49F002T-55ji AT49F002T-55pi AT49F002T-55ti AT49F002T-55vi 32j 32p6 32t 32v industrial (-40 to 85 c) 70 50 0.1 AT49F002T-70jc AT49F002T-70pc AT49F002T-70tc AT49F002T-70vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 AT49F002T-70ji AT49F002T-70pi AT49F002T-70ti AT49F002T-70vi 32j 32p6 32t 32v industrial (-40 to 85 c) 90 50 0.1 AT49F002T-90jc AT49F002T-90pc AT49F002T-90tc AT49F002T-90vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 AT49F002T-90ji AT49F002T-90pi AT49F002T-90ti AT49F002T-90vi 32j 32p6 32t 32v industrial (-40 to 85 c) 120 50 0.1 AT49F002T-12jc AT49F002T-12pc AT49F002T-12tc AT49F002T-12vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 AT49F002T-12ji AT49F002T-12pi AT49F002T-12ti AT49F002T-12vi 32j 32p6 32t 32v industrial (-40 to 85 c) package type 32j 32-lead, plastic j-leaded chip carrier package (plcc) 32p6 32-pin, 0.600" wide, plastic dual inline package (pdip) 32t 32-lead, plastic thin small outline package (tsop) (8 x 20 mm) 32v 32-lead, plastic thin small outline package (vsop) (8 x 14 mm)
at49f002(n)(t) 15 at49f002nt ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 55 50 0.1 at49f002nt-55jc at49f002nt-55pc at49f002nt-55tc at49f002nt-55vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002nt-55ji at49f002nt-55pi at49f002nt-55ti at49f002nt-55vi 32j 32p6 32t 32v industrial (-40 to 85 c) 70 50 0.1 at49f002nt-70jc at49f002nt-70pc at49f002nt-70tc at49f002nt-70vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002nt-70ji at49f002nt-70pi at49f002nt-70ti at49f002nt-70vi 32j 32p6 32t 32v industrial (-40 to 85 c) 90 50 0.1 at49f002nt-90jc at49f002nt-90pc at49f002nt-90tc at49f002nt-90vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002nt-90ji at49f002nt-90pi at49f002nt-90ti at49f002nt-90vi 32j 32p6 32t 32v industrial (-40 to 85 c) 120 50 0.1 at49f002nt-12jc at49f002nt-12pc at49f002nt-12tc at49f002nt-12vc 32j 32p6 32t 32v commercial (0 to 70 c) 50 0.3 at49f002nt-12ji at49f002nt-12pi at49f002nt-12ti at49f002nt-12vi 32j 32p6 32t 32v industrial (-40 to 85 c) package type 32j 32-lead, plastic j-leaded chip carrier package (plcc) 32p6 32-pin, 0.600" wide, plastic dual inline package (pdip) 32t 32-lead, plastic thin small outline package (tsop) (8 x 20 mm) 32v 32-lead, plastic thin small outline package (vsop) (8 x 14 mm)
at49f002(n)(t) 16 packaging information .045(1.14) x 45? pin no. 1 identify .025(.635) x 30? - 45? .012(.305) .008(.203) .021(.533) .013(.330) .530(13.5) .490(12.4) .030(.762) .015(.381) .095(2.41) .060(1.52) .140(3.56) .120(3.05) .032(.813) .026(.660) .050(1.27) typ .553(14.0) .547(13.9) .595(15.1) .585(14.9) .300(7.62) ref .430(10.9) .390(9.90) at contact points .022(.559) x 45? max (3x) .453(11.5) .447(11.4) .495(12.6) .485(12.3) 1.67(42.4) 1.64(41.7) pin 1 .566(14.4) .530(13.5) .090(2.29) max .005(.127) min .065(1.65) .015(.381) .022(.559) .014(.356) .065(1.65) .041(1.04) .630(16.0) .590(15.0) 0 15 ref .690(17.5) .610(15.5) .012(.305) .008(.203) .110(2.79) .090(2.29) .161(4.09) .125(3.18) seating plane .220(5.59) max 1.500(38.10) ref *controlling dimension: millimeters index mark 18.5(.728) 18.3(.720) 20.2(.795) 19.8(.780) 0.25(.010) 0.15(.006) 0.50(.020) bsc 7.50(.295) ref 8.20(.323) 7.80(.307) 1.20(.047) max 0.15(.006) 0.05(.002) 0 5 ref 0.70(.028) 0.50(.020) 0.20(.008) 0.10(.004) index mark 12.5(.492) 12.3(.484) 14.2(.559) 13.8(.543) 0.25(.010) 0.15(.006) 0.50(.020) bsc 7.50(.295) ref 8.10(.319) 7.90(.311) 1.20(.047) max 0.15(.006) 0.05(.002) 0 5 ref 0.70(.028) 0.50(.020) 0.20(.008) 0.10(.004) 32j , 32-lead, plastic j-leaded chip carrier (plcc) dimensions in inches and (millimeters) jedec standard ms-016 ae 32p6 , 32-pin, 0.600" wide, plastic dual inline package (pdip) dimensions in inches and (millimeters) 32t , 32-lead, plastic thin small outline package (tsop) dimensions in millimeters and (inches)* 32v, 32-lead, plastic thin small outline package (tsop) dimensions in millimeters and (inches)
? atmel corporation 1999. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company ? s standard war- ranty which is detailed in atmel ? s terms and conditions located on the company ? s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any tim e without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectu al prop- erty of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel ? s products are not authorized for use as critical components in life support devices or systems. marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel (408) 441-0311 fax (408) 487-2600 europe atmel u.k., ltd. coliseum business centre riverside way camberley, surrey gu15 3yl england tel (44) 1276-686-677 fax (44) 1276-686-697 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimhatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan atmel japan k.k. 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 atmel colorado springs 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 tel (719) 576-3300 fax (719) 540-1759 atmel rousset zone industrielle 13106 rousset cedex france tel (33) 4-4253-6000 fax (33) 4-4253-6001 fax-on-demand north america: 1-(800) 292-8635 international: 1-(408) 441-0732 e-mail literature@atmel.com web site http://www.atmel.com bbs 1-(408) 436-4309 printed on recycled paper. 1017d ? 10/99/xm


▲Up To Search▲   

 
Price & Availability of AT49F002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X